PART |
Description |
Maker |
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3403LG LTS3403LG |
SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
|
???绉???′唤?????? 光宝科技股份有限公司 LITE-ON Electronics LITEON[Lite-On Technology Corporation]
|
LTS-3401LP LTS3401LP |
The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3401LG LTS3401LG |
The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
NTE3061 NTE3064 NTE3062 NTE3063 |
0.3 Single Digit Numeric Display / Seven Segment / Common Anode 7 SEG NUMERIC DISPLAY, ORANGE, 7.62 mm 0.3Single Digit Numeric Display, Seven Segment, Common Anode 0.3“单数字的显示,七段,共阳极 0.3” Single Digit Numeric Display, Seven Segment, Common Anode 0.3 Single Digit Numeric Display Seven Segment Common Anode 0.3 Single Digit Numeric Display, Seven Segment, Common Anode Orange 0.3 inch single digit numeric display, seven segment, common anode. Green 0.3 inch single digit numeric display, seven segment, common anode.
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
LTS-547AHR |
0.52 Inch (13.2 mm) digit height single digit seven-segment display From old datasheet system
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
LTS-4301E |
0.4 inch (10.0mm) digit height single digit, seven-segment display
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
LTS-547AG |
0.52 inch (13.2mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
FYS-8017CX-14 FYS-8017DX-01 FYS-8017DX-02 FYS-8017 |
0.80 Inch (18.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5213AX-00 FYS-5213AX-01 FYS-5213AX-02 FYS-5213 |
0.52 Inch (13.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3212BX-30 FYS-3212AX-40 FYS-3212AX-41 |
0.32 Inch (8.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|